Part Number Hot Search : 
SSDF9510 A304ERU 120SC BCM20 M65533FP STRPB MMBZ5225 PC18B02
Product Description
Full Text Search
 

To Download GP10NC60HD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STGB10NC60HD - STGF10NC60HD STGP10NC60HD
N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESHTM IGBT
Features
Type STGB10NC60HD STGP10NC60HD STGF10NC60HD

VCES 600V 600V 600V
IC VCE(sat) (Max)@ 25C @100C < 2.5V < 2.5V < 2.5V 10A 10A 6A
3 1
1 2 3
3 1 2
Low on-voltage drop (Vcesat) Low CRES / CIES ratio (no cross-conduction susceptibility) Very soft ultra fast recovery antiparallel diode
DPAK
TO-220FP
TO-220
Applications

High frequency motor controls Smps and pfc in both hard switch and resonant topologies Motor drivers
Figure 1.
Internal schematic diagram
Description
Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESHTM IGBTs, with outstanding performances. The suffix "H" identifies a family optimized for high frequency applications in order to achieve very high switching performances (reduced tfall) manta in ing a low voltage drop. Table 1. Device summary
Marking GB10NC60HD GP10NC60HD GF10NC60HD Package DPAK TO-220 TO-220FP Packaging Tape & reel Tube Tube
Order codes STGB10NC60HD STGP10NC60HD STGF10NC60HD
October 2007
Rev 4
1/17
www.st.com 17
Contents
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 7
3 4 5 6
Test circuit
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2/17
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
Electrical ratings
1
Electrical ratings
Table 2.
Symbol VCES IC(1) IC(1) ICL(2) IF VGE PTOT VISO Tj
Absolute maximum ratings
Value Parameter TO-220 / DPAK Collector-emitter voltage (VGE = 0) Collector current (continuous) at TC = 25C Collector current (continuous) at TC = 100C Collector current (pulsed) Diode RMS forward current at TC = 25C Gate-emitter voltage Total dissipation at TC = 25C Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1s;TC=25C) Operating junction temperature 65 -- 55 to 150 20 10 40 10 20 23 2500 600 9 6 TO-220FP V A A A A V W V C Unit
1. Calculated according to the iterative formula:
T -T JMAX C I ( T ) = ----------------------------------------------------------------------------------------------------CC R xV (T , I ) THJ - C CESAT ( MAX ) C C
2. Vclamp=80% of BVces, Tj=150C, RG=10, VGE=15V
Table 3.
Symbol Rthj-case Rthj-amb
Thermal resistance
Value Parameter TO-220 / DPAK Thermal resistance junction-case max Thermal resistance junction-ambient max 1.9 62.5 TO-220FP 5 C/W C/W Unit
3/17
Electrical characteristics
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 4.
Symbol
Static
Parameter Test conditions Min. Typ. Max. Unit
Collector-emitter VBR(CES) breakdown voltage (VGE= 0) VCE(sat) VGE(th) ICES IGES gfs
IC= 1mA
600 1.9 1.7 3.75 2.5
V V V V A mA nA S
Collector-emitter saturation VGE= 15V, IC= 5A voltage VGE= 15V, IC= 5A, Tc= 125C Gate threshold voltage Collector cut-off current (VGE = 0) Gate-emitter leakage current (VCE = 0) Forward transconductance VCE= VGE, IC= 250 A VCE= Max rating,TC= 25C VCE=Max rating,TC= 125C VGE= 20V VCE = 15V, IC= 5A
5.75 150 1 100 3.5
Table 5.
Symbol Cies Coes Cres Qg Qge Qgc
Dynamic
Parameter Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-emitter charge Gate-collector charge Test conditions VCE = 25V, f = 1MHz, VGE = 0 VCE = 390V, IC = 5A, VGE = 15V, (see Figure 19) Min. Typ. 365 43 8.3 19.2 4.5 7 Max. Unit pF pF pF nC nC nC
4/17
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
Electrical characteristics
Table 6.
Symbol
Switching on/off (inductive load)
Parameter Test conditions VCC = 390V, IC = 5A Min. Typ. Max. Unit
td(on) tr (di/dt)on
Turn-on delay time Current rise time Turn-on current slope
, RG= 10 VGE= 15V, Tj= 25C (see Figure 18) (see Figure 20) VCC = 390V, IC = 5A
14.2 5 1000
ns ns A/s
td(on) tr (di/dt)on
Turn-on delay time Current rise time Turn-on current slope
, RG= 10 VGE= 15V, Tj=125C (see Figure 18) (see Figure 20) Vcc = 390V, IC = 5A,
14 5 920
ns ns A/s
tr(Voff) td(off) tf
Off voltage rise time Turn-off delay time Current fall time
, RGE = 10 VGE = 15V,TJ=25C (see Figure 18) (see Figure 20) Vcc = 390V, IC = 5A,
27 72 85
ns ns ns
tr(Voff) td(off) tf
Off voltage rise time Turn-off delay time Current fall time
RGE=10 VGE =15V, , Tj=125C (see Figure 18) (see Figure 20)
50 108 139
ns ns ns
Table 7.
Symbol Eon(1) Eoff(2) Ets Eon(1) Eoff(2) Ets
Switching energy (inductive load)
Parameter Turn-on switching losses Turn-off switching losses Total switching losses Turn-on switching losses Turn-off switching losses Total switching losses Test conditions VCC = 390V, IC = 5A , RG= 10 VGE=15V, Tj=25C (see Figure 18) VCC = 390V, IC = 5A , RG= 10 VGE= 15V, Tj= 125C (see Figure 18) Min. Typ. 31.8 95 126.8 61.8 173 234.8 Max. Unit J J J J J J
1. Eon is the turn-on losses when a typical diode is used in the test circuit in Figure 18. If the IGBT is offered in a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are at the same temperature (25C and 125C) 2. Turn-off losses include also the tail of the collector current
5/17
Electrical characteristics
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
Table 8.
Symbol Vf trr Qrr Irrm trr Qrr Irrm
Collector-emitter diode
Parameter Forward on-voltage Reverse recovery time Reverse recovery charge Reverse recovery current Reverse recovery time Reverse recovery charge Reverse recovery current Test conditions If = 2.5A If = 2.5A, Tj = 125C If = 5A,VR = 40V, Tj = 25C, di/dt = 100 A/s (see Figure 21) If = 5A,VR = 40V, Tj =125C, di/dt = 100A/s (see Figure 21) Min. Typ. 1.75 1.3 21.5 14.2 1.32 33 30.5 1.85 Max. 2.1 Unit V V ns nC A ns nC A
6/17
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
Electrical characteristics
2.1
Figure 2.
Electrical characteristics (curves)
Output characteristics Figure 3. Transfer characteristics
Figure 4.
Transconductance
Figure 5.
Collector-emitter on voltage vs temperature
Figure 6.
Gate charge vs gate-source voltage Figure 7.
Capacitance variations
7/17
Electrical characteristics Figure 8.
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD Figure 9. Collector-emitter on voltage vs collector current
Normalized gate threshold voltage vs temperature
Figure 10. Normalized breakdown voltage vs temperature
Figure 11. Switching losses vs temperature
Figure 12. Switching losses vs gate resistance Figure 13. Switching losses vs collector current
8/17
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD Figure 14. Thermal Impedance for TO-220 / DPAK
Electrical characteristics
Figure 15. Turn-off SOA
Figure 16. Thermal Impedance for TO-220FP
Figure 17. Emitter-collector diode characteristics
9/17
Test circuit
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
3
Test circuit
Figure 19. Gate charge test circuit
Figure 18. Test circuit for inductive load switching
Figure 20. Switching waveform
Figure 21. Diode recovery time waveform
10/17
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
11/17
Package mechanical data
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.49 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
12/17
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
Package mechanical data
D2PAK MECHANICAL DATA TO-247 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
1
13/17
Package mechanical data
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
14/17
G
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
Packaging mechanical data
5
Packaging mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
15/17
Revision history
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
6
Revision history
Table 9.
Date 30-Jan-2006 06-Nov-2006 08-Feb-2007 05-Oct-2007
Document revision history
Revision 1 2 3 4 Initial release. Complete version The document has been reformatted Added TO-220FP, Table 2 has been updated Changes
16/17
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
17/17


▲Up To Search▲   

 
Price & Availability of GP10NC60HD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X